PART |
Description |
Maker |
SP483E SP483ECN SP483ECP SP483EEN SP483EEP SP483EC |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
SP1485EEN SP1485ECN SP1485ECP SP1485EMN SP1485E SP |
Enhanced Low Power Half-Duplex RS-485 Transceivers 增强型低功耗半双工RS - 485收发
|
Exar, Corp. SIPEX[Sipex Corporation]
|
SP485E |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
1A353 |
High-Performance Duplex(Half-Duplex Communication)
|
Mitel Networks Corporat... Mitel Networks Corporation
|
AP63205 AP63205WU-7 AP63200WU-7 AP63201WU-7 AP6320 |
LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
|
Diodes Incorporated
|
AMBE-2020 |
2.0 - 9.6 KBPS Single ic For Half-duplex, Toll-quality, Low Data Rate, Real Time Speech Compression
|
N.A.
|
ADM4853ACP-REEL7 ADM4853AR ADM4853AR-REEL7 ADM4850 |
Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate
|
Analog Devices
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
ADM2482E ADM2487E |
2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (16 Mbps) 2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (500 kbps)
|
Analog Devices
|
ADM2582E ADM2587E |
2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (16Mbps) 2.5 kV Signal and Power Isolated, ±15 kV ESD Protected, Full/Half Duplex RS-485 Transceiver (500kbps)
|
Analog Devices
|